Part Number Hot Search : 
S8035 74LV244 AK885 LBT11555 TMP47C87 A1141ELH 30615 2N3133
Product Description
Full Text Search
 

To Download DC04-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10mm (0.394INCH) DUAL DIGIT NUMERIC DISPLAY
Part Number: DC04-11GWA GREEN
Features
0.394 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAA6855 APPROVED: WYNEC
REV NO: V.10 CHECKED: Joe Lee
DATE: MAY/22/2007 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP: 1302000298
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. DC04-11GWA GREEN (GaP) WHITE DIFFUSED 1900 Typ. 8000 Common Cathode Description
Note: 1.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Green 62.5 25 140 5 -40C To +85C 260C For 3~5 Seconds
Units mW mA mA V
SPEC NO: DSAA6855 APPROVED: WYNEC
REV NO: V.10 CHECKED: Joe Lee
DATE: MAY/22/2007 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP: 1302000298
Green
DC04-11GWA
SPEC NO: DSAA6855 APPROVED: WYNEC
REV NO: V.10 CHECKED: Joe Lee
DATE: MAY/22/2007 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP: 1302000298
PACKING & LABEL SPECIFICATIONS
DC04-11GWA
SPEC NO: DSAA6855 APPROVED: WYNEC
REV NO: V.10 CHECKED: Joe Lee
DATE: MAY/22/2007 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP: 1302000298


▲Up To Search▲   

 
Price & Availability of DC04-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X